Part Number Hot Search : 
MN158418 N7002 DS3906 SEL2110S R6100225 A110A B8279 MB86H01
Product Description
Full Text Search
 

To Download NTD2425-10 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ntd / nta series ? ratings from 10a to 25a @ 24-280 vac ? scr output for heavy industrial loads ? ac or dc control ? zero-crossing (resistive loads) or random-fire (inductive loads) output product selection control voltage 10a 25a 3-32 vdc ntd2410 ntd2425 90-140 vrms nta2410 nta2425 18-36 vrms nta2410e nta2425e available options output specifications (1) description 10a 25a operating voltage (47-63hz) [vrms] 24-280 24-280 transient overvoltage [vpk] 600 600 maximum off-state leakage current @ rated voltage [marms] 0.01 0.01 minimum off-state dv/dt @ maximum rated voltage [v/sec] (2) 200 200 maximum load current (3) [arms] 10 25 minimum load current [arms] 0.15 0.15 maximum surge current (16.6ms) [apk] 120 250 maximum on-state voltage drop @ rated current [vpk] 1.6 1.6 thermal resistance juncti on to case (rjc) [c/w] 1.48 1.02 maximum i 2 t for fusing (8.3 msec) [a 2 sec] 60 260 minimum power factor (with maximum load) 0.5 0.5 obsolete
input specifications (1) description ntd24xx nta24xx nta24xxe control voltage range 3-32 vdc 90-140 vrms 18-36 vrms maximum turn-on voltage 3.0 vdc 90 vrms 18 vrms minimum turn-off voltage 1.0 vdc 10 vrms 4.0 vrms typical input current range @ 5 vdc ( @ 120 vrms for nta) 10 madc 10 madc 3 ma @ 24 vrms nominal input impedance see note(5) 10.6 ohm 9.0 ohm maximum turn-on time [msec] (4) 1/2 cycle 10 10 maximum turn-off time [msec] 1/2 cycle 40 40 general specifications description parameters dielectric strength, input/output/base (50/60hz) 3750 vrms minimum insulation resistance (@ 500 v dc) 10 9 ohm maximum capacitance, input/output 8 pf ambient operating temperature range -40 to 80 c ambient storage temperature range -40 to 125 c weight (typical) 3.0 oz (86.5 g) encapsulation thermally conductive epoxy terminals screw and saddle clamps furnished, unmounted recommended terminal screw torque range: 6-32 screws - 10 in/lbs. 8-32 & 10-32 scre ws - 20 in. lbs. (screws dry without grease) general notes 1) all parameters at 25c unless otherwise specified. 2) off-state dv/dt test method per eia/narm standard rs-443, paragraph 13.11.1 3) heat sinking required, for derating curves see page 2. 4) turn-on time for random turn-on versions is 0.02 msec (d c control models) 5) input circuitry incorporates active current limiter. 6) 24 vac control version available (use suffix e) obsolete
mechanical specifications terminal hardware furnished: 4 screws and 4 saddle clam p s thermal derate information agency approvals ul /cul e116 95 0 csa l r81 68 9 rev. 092 80 9 obsolete
obsolete
annex - enviromental information obsolete


▲Up To Search▲   

 
Price & Availability of NTD2425-10

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X